| Moteur de recherche de fiches techniques de composants électroniques |
|
SCF160-R-1812 Fiches technique(PDF) 1 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SCF160-R-1812 Fiches technique(HTML) 1 Page - Socay Electornics Co., Ltd. |
|
1 / 5 page ![]() Surface Mount Resettable PTCs Revision September 12, 2013 1 / 5 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SCF1812 Series SOCAY Electronics Co., Ltd. www.socay.com The SCF1812 Series PTC provides surface mount over-current protection for applications where space is at a premium and resettable protection is desired. u RoHS compliant, Lead-Free and Halogen-Free u Fast time-to-trip u Compact design saves board space u Low resistance u Low-profile u PC motherboard - plug and play protection u Mobile phones - battery and port protection u Game console port protection u USB peripherals u Disk drive u PDAS / digital cameras u Power ports u General electronics Hold Current Trip Current Rated Voltage Max Current Typical Power Maximum Time To Trip Resistance Part Number I hold (A) I trip (A) V max (Vdc) I max (A) P dtyp. (W) Current (A) Time (Sec.) R min ( Ω) R 1max ( Ω) SCF010-1812 0.10 0.30 60 10 0.8 8.0 0.020 1.600 15.00 SCF010-R-1812 0.10 0.30 60 10 0.8 8.0 0.020 1.600 15.00 SCF014-1812 0.14 0.30 60 10 0.8 8.0 0.008 1.200 6.500 SCF014-R-1812 0.14 0.30 60 10 0.8 8.0 0.008 1.200 6.500 SCF020-1812 0.20 0.40 30 10 0.8 8.0 0.020 0.800 5.000 SCF020-R-1812 0.20 0.40 30 10 0.8 8.0 0.020 0.800 5.000 SCF035-1812 0.35 0.70 16 40 0.8 8.0 0.100 0.320 1.500 SCF035-R-1812 0.35 0.70 16 40 0.8 8.0 0.100 0.320 1.500 SCF050-1812 0.50 1.00 16 40 0.8 8.0 0.150 0.150 1.000 SCF050-R-1812 0.50 1.00 16 40 0.8 8.0 0.150 0.150 1.000 SCF075-1812 0.75 1.50 16 40 0.8 8.0 0.200 0.110 0.450 SCF075-R-1812 0.75 1.50 16 40 0.8 8.0 0.200 0.110 0.450 SCF075-24R-1812 0.75 1.50 24 40 1.0 8.0 0.200 0.110 0.290 SCF075-33R-1812 0.75 1.50 33 40 1.0 8.0 0.200 0.110 0.400 SCF110-1812 1.10 2.20 8 100 0.8 8.0 0.300 0.040 0.210 SCF110-R-1812 1.10 2.20 8 100 0.8 8.0 0.300 0.040 0.210 SCF110-16-1812 1.10 1.95 16 40 0.8 8.0 0.500 0.040 0.180 SCF110-16-R-1812 1.10 1.95 16 40 0.8 8.0 0.500 0.040 0.180 SCF110-24R-1812 1.10 2.20 24 100 1.0 8.0 0.500 0.060 0.200 SCF125-1812 1.25 2.50 6 40 0.8 8.0 0.400 0.050 0.140 SCF125-R-1812 1.25 2.50 6 40 0.8 8.0 0.400 0.050 0.140 Electrical Parameters Applicable Description Features |
Numéro de pièce similaire - SCF160-R-1812 |
|
Description similaire - SCF160-R-1812 |