Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SCF010-0603-R Fiches technique(PDF) 3 Page - Socay Electornics Co., Ltd.

No de pièce SCF010-0603-R
Description  Surface Mount Resettable PTCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SOCAY [Socay Electornics Co., Ltd.]
Site Internet  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SCF010-0603-R Fiches technique(HTML) 3 Page - Socay Electornics Co., Ltd.

  SCF010-0603-R Datasheet HTML 1Page - Socay Electornics Co., Ltd. SCF010-0603-R Datasheet HTML 2Page - Socay Electornics Co., Ltd. SCF010-0603-R Datasheet HTML 3Page - Socay Electornics Co., Ltd. SCF010-0603-R Datasheet HTML 4Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Surface Mount Resettable PTCs
Revision September 12, 2013
3 / 4
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SCF0603 Series
SOCAY Electronics Co., Ltd.
www.socay.com
A
B
C
Device
Nominal
Nominal
Nominal
0603 Series
0.80
0.60
0.80
The dimension in the table below provide the recommended
pad layout for each SCF0603 device
A
B
C
D
E
Part Number
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
SCF001-0603-R
1.40
1.80
0.45
1.00
0.35
0.85
0.10
0.50
0.08
0.40
SCF002-0603-R
1.40
1.80
0.45
1.00
0.35
0.85
0.10
0.50
0.08
0.40
SCF003-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
SCF004-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
SCF005-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
SCF010-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
SCF012-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
SCF016-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
SCF020-0603-R
1.40
1.80
0.45
1.00
0.35
0.75
0.10
0.50
0.08
0.40
Dimensions
Unit: mm
Part Numbering
Part Marking
Pad Layouts
Unit: mm
SCF XXX
– 0603 – R
Device Size Code
Current Rating
Socay Product Code
X
Part Identification
D
Example
X=SCF001-0603-R
Y=SCF002-0603-R
Z=SCF003-0603-R
A=SCF004-0603-R
B=SCF005-0603-R
D=SCF010-0603-R
E=SCF012-0603-R
F=SCF016-0603-R
G=SCF020-0603-R



Html Pages

1 2 3 4