| Moteur de recherche de fiches techniques de composants électroniques |
|
3003BS Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
3003BS Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD 13003BS Preliminary NPN SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R223-018. a NPN SILICON BIPOLAR TRANSISTORS FOR LOW FREQUENCY AMPLIFICATION DESCRIPTION The UTC 13003BS is a silicon NPN power switching transistor; it uses UTC’s advanced technology to provide customers high collector-base breakdown voltage, low reverse leakage current and high reliability, etc. The UTC 13003BS is suitable for electronic ballast power switch circuit and the compact electronic energy-saving light. FEATURES * High collector-base breakdown voltage * Low reverse leakage current * High reliability EQUIVALENT CIRCUIT ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 13003BSL-TM3-T 13003BSG-TM3-T TO-251 B C E Tube 13003BSL-T60-K 13003BSG-T60-K TO-126 B C E Bulk 13003BSL-T92-B 13003BSG-T92-B TO-92 B C E Tape Box 13003BSL-T92-K 13003BSG-T92-K TO-92 B C E Bulk 13003BSL-T92-R 13003BSG-T92-R TO-92 B C E Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter (1) T: Tube, B: Bluk, K: Bulk, R: Tape Reel (2) TM3: TO-251, T60: TO-126, T92: TO-92 (3) L: Lead Free, G: Halogen Free 13003BSL-TM3-T (1)Packing Type (2)Package Type (3)Lead Free |
Numéro de pièce similaire - 3003BS |
|
Description similaire - 3003BS |