| Moteur de recherche de fiches techniques de composants électroniques |
|
2SK545G-B11-AE3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SK545G-B11-AE3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SK545 Preliminary JFET www.unisonic.com.tw 1 of 3 Copyright © 2012 Unisonic Technologies Co., Ltd QW-R216-102.a IMPEDANCE CONVERTER APPLICATIONS DESCRIPTION The UTC 2SK545 is an N-channel Junction field effect transistor. It uses UTC’s advanced technology to provide customers low CISS and low IGSS. The UTC 2SK545 is suitable for infrared sensor and impedance converter applications. FEATURES * Low Input Capacitance * Low Gate-Source Leakage Current SOT-23 (TO-236) 1 2 3 ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 2SK545L-xx-AE3-R 2SK545G-xx-AE3-R SOT-23 D S G Tape Reel 2SK545L-xx-AE3-R (1) Packing Type (2) Package Type (3) Rank (4) Halogen Free (1) R: Tape Reel (2) AE3: SOT-23 (3) xx: refer to Classification of lDSS (4) G: Halogen Free, L: Lead Free MARKING |
Numéro de pièce similaire - 2SK545G-B11-AE3-R |
|
Description similaire - 2SK545G-B11-AE3-R |