| Moteur de recherche de fiches techniques de composants électroniques |
|
2SB936G-TN3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SB936G-TN3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SB936 Preliminary PNP EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R209-029.a SILICON PNP EPITAXIAL PLANAR TYPE DESCRIPTION The UTC 2SB936 is a silicon PNP epitaxial planar type, it uses UTC’s advanced technology to provide the customers with high DC current gain, low collector to emitter saturation voltage and high switch speed, etc. The UTC 2SB936 is suitable for small electronic equipment and printed circuit board, etc. FEATURES * High DC current gain * Low collector to emitter saturation voltage * High switch speed ORDERING INFORMATION Ordering Number Package Pin Assignment Packing Lead Free Halogen Free 1 2 3 2SB936L-TN3-T 2SB936G-TN3-T TO-252 B C E Tube 2SB936L-TN3-R 2SB936G-TN3-R TO-252 B C E Tape Reel Note: Pin Assignment: B: Base C: Collector E: Emitter |
Numéro de pièce similaire - 2SB936G-TN3-R |
|
Description similaire - 2SB936G-TN3-R |