| Moteur de recherche de fiches techniques de composants électroniques |
|
2SA1013L-P-AB3-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
2SA1013L-P-AB3-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 3 page ![]() UNISONIC TECHNOLOGIES CO., LTD 2SA1013 PNP EPITAXIAL SILICON TRANSISTOR www.unisonic.com.tw 1 of 3 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R208-049.B PNP EPITAXIAL SILICON TRANSISTOR DESCRIPTION The UTC 2SA1013 is a PNP epitaxial silicon transistor, it uses UTC’s advanced technology to provide the customers with high BVCEO and high DC current gain, etc. The UTC 2SA1013 is suitable for power switching and color TV vertical deflection output, etc. FEATURES * High BVCEO * High DC current gain * Large continuous collector current capability ORDERING INFORMATION Ordering Number Package Pin assignment Packing Lead Free Halogen Free 1 2 3 2SA1013L-x-AB3-R 2SA1013G-x-AB3-R SOT-89 B C E Tape Reel 2SA1013L-x-T92-B 2SA1013G-x-T92-B TO-92 B C E Tape Box 2SA1013L-x-T92-K 2SA1013G-x-T92-K TO-92 B C E Bulk 2SA1013L-x-T9N-B 2SA1013G-x-T9N-B TO-92NL B C E Tape Box 2SA1013L-x-T9N-K 2SA1013G-x-T9N-K TO-92NL B C E Bulk 2SA1013L-x-AB3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Free (1) R: Tape Reel, B: Tape Box (2) AB3: SOT-89, T92: TO-92, T9N: TO-92NL (3) refer to Classification of hFE (4) L: Lead Free, G: Halogen Free |
Numéro de pièce similaire - 2SA1013L-P-AB3-R |
|
Description similaire - 2SA1013L-P-AB3-R |