Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HVLED807PFTR Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce HVLED807PFTR
Description  Offline LED driver with primary-sensing and high power factor up to 7 W
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED807PFTR Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button HVLED807PFTR Datasheet HTML 27Page - STMicroelectronics HVLED807PFTR Datasheet HTML 28Page - STMicroelectronics HVLED807PFTR Datasheet HTML 29Page - STMicroelectronics HVLED807PFTR Datasheet HTML 30Page - STMicroelectronics HVLED807PFTR Datasheet HTML 31Page - STMicroelectronics HVLED807PFTR Datasheet HTML 32Page - STMicroelectronics HVLED807PFTR Datasheet HTML 33Page - STMicroelectronics HVLED807PFTR Datasheet HTML 34Page - STMicroelectronics HVLED807PFTR Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
HVLED807PF
Device description
Doc ID 023464 Rev 5
31/36
Figure 23.
Suggested routing for the led driver
AM13573v1
DMG
SOURCE
AC
COMP
ILED
R
FB
R
DMG
R
PF
R
COMP
C
COMP
C
LED
VCC
CS
DRAIN
GND
R
SENSE
R
OS
AC
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36