| Moteur de recherche de fiches techniques de composants électroniques |
|
CS1108 Fiches technique(PDF) 4 Page - Cherry Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
CS1108 Fiches technique(HTML) 4 Page - Cherry Semiconductor Corporation |
|
4 / 4 page ![]() Thermal Data 8 Lead SO Narrow (internally fused leads) RQJC typ 25 ûC/W RQJA typ 110 ûC/W 4 1.27 (.050) BSC 0.51 (.020) 0.33 (.013) 6.20 (.244) 5.80 (.228) 4.00 (.157) 3.80 (.150) 1.57 (.062) 1.37 (.054) D 0.25 (0.10) 0.10 (.004) 1.75 (.069) MAX 1.27 (.050) 0.40 (.016) REF: JEDEC MS-012 0.25 (.010) 0.19 (.008) 8 Lead SO Narrow; 150 mil wide Rev. 12/28/98 © 1999 Cherry Semiconductor Corporation Package Specification PACKAGE DIMENSIONS IN mm (INCHES) D Lead Count Metric English Max Min Max Min 8 Lead SO Narrow 5.00 4.80 .197 .189 PACKAGE THERMAL DATA Ordering Information Part Number Description CS1108EDF8 8 Lead SO Narrow (internally fused leads) CS1108EDFR8 8 Lead SO Narrow (internally fused leads) (tape & reel) Cherry Semiconductor Corporation reserves the right to make changes to the specifications without notice. Please contact Cherry Semiconductor Corporation for the latest available information. |