Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1107 Fiches technique(PDF) 4 Page - Cherry Semiconductor Corporation

No de pièce CS1107
Description  Single Relay Driver IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CHERRY [Cherry Semiconductor Corporation]
Site Internet  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS1107 Fiches technique(HTML) 4 Page - Cherry Semiconductor Corporation

  CS1107 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS1107 Datasheet HTML 4Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thermal Data
8 Lead SO
(internally fused leads)
RQJC
typ
25
ûC/W
RQJA
typ
110
ûC/W
4
Rev. 1/29/99
© 1999 Cherry Semiconductor Corporation
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
D
Lead Count
Metric
English
Max
Min
Max
Min
8 Lead SO
5.00
4.80
.197
.189
PACKAGE THERMAL DATA
Ordering Information
Part Number
Description
CS1107EDF8
8 Lead SO
(internally fused leads)
CS1107EDFR8
8 Lead SO
(internally fused leads)
(tape & reel)
Cherry Semiconductor Corporation reserves the right to
make changes to the specifications without notice. Please
contact Cherry Semiconductor Corporation for the latest
available information.
Surface Mount Narrow Body (D); 150 mil wide
1.27 (.050) BSC
0.51 (.020)
0.33 (.013)
6.20 (.244)
5.80 (.228)
4.00 (.157)
3.80 (.150)
1.57 (.062)
1.37 (.054)
D
0.25 (0.10)
0.10 (.004)
1.75 (.069) MAX
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-012
0.25 (.010)
0.19 (.008)



Html Pages

1 2 3 4