| Moteur de recherche de fiches techniques de composants électroniques |
|
SD3110-2R2-R Fiches technique(PDF) 2 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
SD3110-2R2-R Fiches technique(HTML) 2 Page - Cooper Bussmann, Inc. |
|
2 / 3 page ![]() SD3110 Series Low Profile Power Inductors Core Loss 1MHz 500kHz 300kHz 200kHz 100kHz 50kHz 0.000001 0.00001 0.0001 0.001 0.01 0.1 1 10 1 10 100 1000 Bp-p (mT) Dimensions are in millimeters. 3.2 3.2 B1 Bo A1 4.2 Ao 1.75 2.0 8.0 4.0 5.5 12.0 +/-0.3 Ko A1=0.90mm Ao=3.9mm Bo=3.6mm B1=1.25mm Ko=1.2mm Parts packaged on 13" Diameter reel, 4,100 parts per reel. Packaging Information 1.0 max Marking 2.0 2 plcs 4.0 1.0 2 plcs 3.1 max. 3.1 max. 1.0 typical 3.6 max 4.0 Max. 0.6 typ. 2.0 typ. Part Marking: 3 Digit Marking: (1st digit: Indicates inductance value per letter in Part Marking Designator); (2nd digit: Bi-weekly production date code); (3rd digit: Last digit of the year produced). Mechanical Diagrams |