Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMV2011MF Fiches technique(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LMV2011MF
Description  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV2011MF Fiches technique(HTML) 20 Page - National Semiconductor (TI)

Back Button LMV2011MF Datasheet HTML 16Page - National Semiconductor (TI) LMV2011MF Datasheet HTML 17Page - National Semiconductor (TI) LMV2011MF Datasheet HTML 18Page - National Semiconductor (TI) LMV2011MF Datasheet HTML 19Page - National Semiconductor (TI) LMV2011MF Datasheet HTML 20Page - National Semiconductor (TI) LMV2011MF Datasheet HTML 21Page - National Semiconductor (TI) LMV2011MF Datasheet HTML 22Page - National Semiconductor (TI) LMV2011MF Datasheet HTML 23Page - National Semiconductor (TI) LMV2011MF Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LMV2011MAX
SOIC
D
8
2500
367.0
367.0
35.0
LMV2011MAX/NOPB
SOIC
D
8
2500
367.0
367.0
35.0
LMV2011MF
SOT-23
DBV
5
1000
210.0
185.0
35.0
LMV2011MF/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LMV2011MFX/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Sep-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24