Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMC6462AIM Fiches technique(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LMC6462AIM
Description  LMC6462 Dual/LMC6464 Quad Micropower, Rail-to-Rail Input and Output CMOS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC6462AIM Fiches technique(HTML) 13 Page - National Semiconductor (TI)

Back Button LMC6462AIM Datasheet HTML 9Page - National Semiconductor (TI) LMC6462AIM Datasheet HTML 10Page - National Semiconductor (TI) LMC6462AIM Datasheet HTML 11Page - National Semiconductor (TI) LMC6462AIM Datasheet HTML 12Page - National Semiconductor (TI) LMC6462AIM Datasheet HTML 13Page - National Semiconductor (TI) LMC6462AIM Datasheet HTML 14Page - National Semiconductor (TI) LMC6462AIM Datasheet HTML 15Page - National Semiconductor (TI) LMC6462AIM Datasheet HTML 16Page - National Semiconductor (TI) LMC6462AIM Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LMC6462, LMC6464
www.ti.com
SNOS725D – MAY 1999 – REVISED MARCH 2013
Figure 36. Resistive Isolation of a 300 pF Capacitive Load
Figure 37. Pulse Response of the LMC6462 Circuit Shown in Figure 36
Figure 37 displays the pulse response of the LMC6462/4 circuit in Figure 36.
Another circuit, shown in Figure 38, is also used to indirectly drive capacitive loads. This circuit is an
improvement to the circuit shown in Figure 36 because it provides DC accuracy as well as AC stability. R1 and
C1 serve to counteract the loss of phase margin by feeding the high frequency component of the output signal
back to the amplifiers inverting input, thereby preserving phase margin in the overall feedback loop. The values
of R1 and C1 should be experimentally determined by the system designer for the desired pulse response.
Increased capacitive drive is possible by increasing the value of the capacitor in the feedback loop.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMC6462 LMC6464



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32