Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCP1531 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce LCP1531
Description  Programmable transient voltage suppressor for SLIC protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP1531 Fiches technique(HTML) 2 Page - STMicroelectronics

  LCP1531 Datasheet HTML 1Page - STMicroelectronics LCP1531 Datasheet HTML 2Page - STMicroelectronics LCP1531 Datasheet HTML 3Page - STMicroelectronics LCP1531 Datasheet HTML 4Page - STMicroelectronics LCP1531 Datasheet HTML 5Page - STMicroelectronics LCP1531 Datasheet HTML 6Page - STMicroelectronics LCP1531 Datasheet HTML 7Page - STMicroelectronics LCP1531 Datasheet HTML 8Page - STMicroelectronics LCP1531 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
LCP1531
2/10
DocID13397 Rev 5
1
Characteristics
Table 1. Standards compliance
Standard
Peak
surge
voltage
(V)
Voltage
waveform
Required
peak
current
(A)
Current
waveform
Minimum serial
resistor to meet
standard (
Ω)
GR-1089 Core First level
2500
1000
2/10 µs
10/1000 µs
500
100
2/10 µs
10/1000 µs
20
30
GR-1089 Core
Second level
5000
2/10 µs
500
2/10 µs
40
GR-1089 Core
Intra-building
1500
2/10 µs
100
2/10 µs
0
ITU-T-K20/K21
6000
1500
10/700 µs
150
37.5
5/310 µs
120
0
ITU-T-K20 (IEC 61000-4-2)
8000
15000
1/60 ns
ESD contact discharge
ESD air discharge
0
0
IEC 61000-4-5
4000
4000
10/700 µs
1.2/50 µs
100
100
5/310 µs
8/20 µs
67
22
TIA-968-A,
lightning surge type A
1500
800
10/160 µs
10/560 µs
200
100
10/160 µs
10/560 µs
26
17
TIA-968-A,
lightning surge type B
1500
9/720 µs
37.5
5/320 µs
0
Table 2. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
120
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10