| Moteur de recherche de fiches techniques de composants électroniques |
|
U74AHCT3G04G-SM1-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74AHCT3G04G-SM1-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD U74AHCT3G04 CMOS IC www.unisonic.com.tw 1 of 5 Copyright © 2011 Unisonic Technologies Co., Ltd QW-R502-545.a INVERTER DESCRIPTION The U74AHCT3G04 are high-speed Si-gate CMOS devices providing three inverting buffers with the function = YA . The U74AHCT3G04 is TTL voltage compatiable. FEATURES * Low power dissipation * Symmetrical output impedance * Balanced propagation delays * High noise immunity TSSOP-8 MSOP-8 ORDERING INFORMATION Ordering Number Lead Free Halogen Free Package Packing U74AHCT3G04L-SM1-R U74AHCT3G04G-SM1-R MSOP-8 Tape Reel U74AHCT3G04L-SM1-T U74AHCT3G04G-SM1-T MSOP-8 Tube U74AHCT3G04L-P08-R U74AHCT3G04G-P08-R TSSOP-8 Tape Reel U74AHCT3G04L-P08-T U74AHCT3G04G-P08-T TSSOP-8 Tube |
Numéro de pièce similaire - U74AHCT3G04G-SM1-R |
|
Description similaire - U74AHCT3G04G-SM1-R |