Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U74AHC245G-R20-R Fiches technique(PDF) 5 Page - Unisonic Technologies

No de pièce U74AHC245G-R20-R
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHC245G-R20-R Fiches technique(HTML) 5 Page - Unisonic Technologies

  U74AHC245G-R20-R Datasheet HTML 1Page - Unisonic Technologies U74AHC245G-R20-R Datasheet HTML 2Page - Unisonic Technologies U74AHC245G-R20-R Datasheet HTML 3Page - Unisonic Technologies U74AHC245G-R20-R Datasheet HTML 4Page - Unisonic Technologies U74AHC245G-R20-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
U74AHC245
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 5
www.unisonic.com.tw
QW-R502-987.A
TEST CIRCUIT AND WAVEFORMS
CL
(Note 1)
From Output
RL
VCC
K1
K2
Notes: 1. CL includes probe and jig capacitance.
2. All input pulses are supplied by generators having the following characteristics:
PRR≤1MHZ, ZO=50Ω, tr ≤ 3ns, tf ≤ 3ns.
3. The outputs are measured one at a time with one input transition per measurement.
Figure 1. Load Circuit and Voltage Waveforms
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5