Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AT055 Fiches technique(PDF) 33 Page - List of Unclassifed Manufacturers

No de pièce AT055
Description  Accessories Hardware
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

AT055 Fiches technique(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AT055 Datasheet HTML 25Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 26Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 27Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 28Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 29Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 30Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 31Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 32Page - List of Unclassifed Manufacturers AT055 Datasheet HTML 33Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 33 page
background image
Accessories & Hardware
www.nkk.com
Y34
Y
AT9201
Bezel
Polycarbonate
Colors: A B C D E F G H
Series: MLW
AT9704-02YC
Socket for LCD 36 x 24
Single & Bicolor Pushbutton
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
AT9704-065F
Socket for LCD 36 x 24
Compact Pushbutton
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
AT9704-085K
Socket for LCD 64 x 32 Pushbutton
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
AT9704-085M
Socket for OLED 52 x 36 Display
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
AT9000s
(16.0)
.630
(16.4)
.646
(26.3)
1.035
(23.8)
.937
(2.5)
.098
(31.3) Dia
1.232
(0.5)
.020
(3.0)
.118
(4.8)
.189
AT9410
Round Splash Cover
Lid: Polyvinyl chloride
Base: Polyethylene
O-ring: Nitrile butadiene rubber
Series: LB Panel Seal
AT9704-065E
Socket for LCD 36 x 24
RGB Pushbutton
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
AT9704-085L
Socket for OLED 64 x 48 Pushbutton
Base: Glass fiber reinforced PBT
Terminals: Brass/beryllium copper
Series: SmartSwitch
Color Codes:
A Black
B White
C Red
D Amber
E Yellow
F Green
G Blue
H Gray
J Clear
(6.7)
.264
(23.0)
.906
(20.5)
.807
(6.7)
.264
(23.0)
.906
(20.5)
.807
(7.0)
.276
(18.9)
.744
(17.9)
.705
(7.4)
.291
(22.9)
.902
(20.3)
.799
(7.0)
.276
(22.9)
.902
(20.3)
.799
(7.2)
.283
(19.9)
.783
(17.6)
.693
Note: By extracting some of the
pins, socket may be used for the
64 x 32 Compact Pushbutton



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33