| Moteur de recherche de fiches techniques de composants électroniques |
|
U74AHC164L-S14-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74AHC164L-S14-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD U74AHC164 CMOS IC www.unisonic.com.tw 1 of 5 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R502-240.B 8-Bit Serial-In/Parallel-Out Shift Register DESCRIPTION The U74AHC164 is an 8-bit serial-in/parallel-out shift register. The logical AND of the Dsa and Dsb enters into Q0 and shifts one place to right on each LOW-to-HIGH transition of the clock (CP). A low level on the master reser ( MR )input clears all the register asynchronously and force all output LOW. FEATURES * Operate From 2V to 5.5V * Schmitt on all inputs * Balanced propagation delays ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free U74AHC164L-S14-T U74AHC164G-S14-T SOP-14 Tube U74AHC164L-S14-R U74AHC164G-S14-R SOP-14 Tape Reel U74AHC164L-P14-T U74AHC164G-P14-T TSSOP-14 Tube U74AHC164L-P14-R U74AHC164G-P14-R TSSOP-14 Tape Reel |
Numéro de pièce similaire - U74AHC164L-S14-R |
|
Description similaire - U74AHC164L-S14-R |