| Moteur de recherche de fiches techniques de composants électroniques |
|
U74AHC3G04L-P08-R Fiches technique(PDF) 3 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
U74AHC3G04L-P08-R Fiches technique(HTML) 3 Page - Unisonic Technologies |
|
3 / 5 page ![]() U74AHC3G04 CMOS IC UNISONICTECHNOLOGIESCO.,LTD 3 of 5 www.unisonic.com.tw QW-R502-544.a ABSOLUTE MAXIMUM RATING (unless otherwise specified) PARAMETER SYMBOL RATINGS UNIT Supply Voltage VCC -0.5 ~ 7.0 V Input Voltage VIN -0.5 ~ 7.0 V Output Voltage VOUT -0.5 ~ VCC +0.5 V VCC or GND Current ICC ±75 mA Output Current IOUT ±25 mA Input Clamp Current IIK -20 mA Output Clamp Current IOK ±20 mA Operating Temperature TOPR -40 ~ + 85 ℃ Storage Temperature TSTG -65 ~ + 150 ℃ Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNIT Supply Voltage VCC 2.0 5.0 5.5 V Input Voltage VIN 0 5.5 V Output Voltage VOUT 0 VCC V Input Rise or Fall Times tR, tF VCC = 3.3 ± 0.3V 100 ns/V VCC = 5.0 ± 0.5V 20 |