| Moteur de recherche de fiches techniques de composants électroniques |
|
CTX2-2 Fiches technique(PDF) 3 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
CTX2-2 Fiches technique(HTML) 3 Page - Cooper Bussmann, Inc. |
|
3 / 8 page ![]() Open Circuit Full Load Full Load DC Open Circuit Full Load Full Load DC Part Inductance Inductance Current Resistance Inductance Inductance Current Resistance Number µH +/-20% µH min. Adc ohms max. µH +/-20% µH min. Adc ohms max. CTX150-2 147.39 93.46 .43 .560 589.57 373.84 .22 2.241 CTX200-2 198.58 122.94 .39 .796 794.30 491.76 .20 3.184 CTX300-2 300.80 169.06 .38 1.231 1203.20 676.24 .19 4.929 CTX0.47-3 .38 .27 6.00 .005 1.54 1.08 3.00 .020 CTX0.68-3 .60 .42 5.00 .006 2.40 1.67 2.50 .024 CTX1-3 .86 .57 4.80 .007 3.46 2.28 2.40 .028 CTX2-3 1.94 1.05 4.70 .010 7.78 4.22 2.35 .040 CTX5-3 4.70 2.56 3.00 .019 18.82 10.26 1.50 .077 CTX8-3 7.78 3.74 2.80 .025 31.10 14.98 1.40 .099 CTX10-3 9.60 4.38 2.70 .028 38.40 17.54 1.35 .111 CTX15-3 15.00 7.26 2.00 .043 60.00 29.06 1.00 .172 CTX20-3 20.18 10.76 1.50 .078 80.74 43.04 .75 .312 CTX25-3 24.58 15.64 .98 .086 98.30 62.56 .49 .346 CTX33-3 32.86 19.69 .96 .083 131.42 78.77 .48 .331 CTX50-3 50.78 27.18 .94 .239 203.14 108.71 .47 .956 CTX68-3 67.42 36.53 .80 .277 269.66 146.11 .40 1.109 CTX100-3 101.40 52.48 .70 .345 405.60 209.93 .35 1.381 CTX150-3 149.78 97.16 .38 .430 599.14 388.63 .19 1.718 CTX200-3 198.74 119.18 .39 .619 794.98 476.71 .20 2.475 CTX300-3 301.06 157.44 .40 .951 1204.22 629.75 .20 3.083 CTX0.47-4 .44 .32 7.00 .004 1.76 1.29 3.50 .016 CTX0.68-4 .78 .55 6.00 .005 3.14 2.21 3.00 .020 CTX1-4 1.23 .85 5.00 .006 4.90 3.41 2.50 .024 CTX2-4 1.76 1.06 4.90 .007 7.06 4.24 2.45 .028 CTX5-4 4.90 2.59 4.40 .014 19.60 10.37 2.20 .056 CTX8-4 8.28 4.29 3.50 .018 33.12 17.14 1.75 .072 CTX10-4 9.60 4.82 3.40 .019 38.42 19.28 1.70 .078 CTX15-4 14.16 6.76 3.00 .024 56.64 27.03 1.50 .096 CTX20-4 19.60 10.68 2.10 .055 78.40 42.73 1.05 .220 CTX25-4 25.92 13.32 2.00 .063 103.68 53.27 1.00 .253 CTX33-4 33.12 16.82 1.80 .072 132.50 67.27 .90 .287 CTX50-4 50.18 25.03 1.50 .111 200.70 100.11 .75 .443 CTX68-4 67.08 35.29 1.20 .157 268.32 141.15 .60 .630 CTX100-4 99.23 54.56 .92 .302 396.90 218.25 .46 1.210 CTX150-4 148.23 77.17 .82 .372 592.90 308.69 .41 1.488 CTX200-4 200.70 111.08 .64 .545 802.82 444.32 .32 2.180 CTX300-4 298.12 147.92 .62 .672 1192.46 591.66 .31 2.687 PARALLEL SERIES ® ECONO-PAC™/OCTA-PAC® OCTA-PAC® PLUS Power Inductors and Transformers |