| Moteur de recherche de fiches techniques de composants électroniques |
|
LM7171AIMNOPB Fiches technique(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM7171AIMNOPB Fiches technique(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 30 page ![]() LM7171 www.ti.com SNOS760B – MAY 1999 – REVISED MARCH 2013 ±15V DC Electrical Characteristics Unless otherwise noted, all limits are specified for TJ = 25°C, V + = +15V, V− = −15V, V CM = 0V, and RL = 1 kΩ. Boldface limits apply at the temperature extremes Symbol Parameter Conditions Typ LM7171AI LM7171BI Units (1) Limit(2) Limit(2) VOS Input Offset Voltage 0.2 1 3 mV 4 7 max TC VOS Input Offset Voltage Average 35 μV/°C Drift IB Input Bias Current 2.7 10 10 μA 12 12 max IOS Input Offset Current 0.1 4 4 μA 6 6 max RIN Input Resistance Common Mode 40 M Ω Differential Mode 3.3 RO Open Loop Output 15 Ω Resistance CMRR Common Mode Rejection VCM = ±10V 105 85 75 dB Ratio 80 70 min PSRR Power Supply Rejection Ratio VS = ±15V to ±5V 90 85 75 dB 80 70 min VCM Input Common-Mode Voltage CMRR > 60 dB ±13.35 V Range AV Large Signal Voltage Gain (3) RL = 1 kΩ 85 80 75 dB 75 70 min RL = 100Ω 81 75 70 dB 70 66 min VO Output Swing RL = 1 kΩ 13.3 13 13 V 12.7 12.7 min −13.2 −13 −13 V −12.7 −12.7 max RL = 100Ω 11.8 10.5 10.5 V 9.5 9.5 min −10.5 −9.5 −9.5 V −9 −9 max Output Current (Open Loop) Sourcing, RL = 100Ω 118 105 105 mA (4) 95 95 min Sinking, RL = 100Ω 105 95 95 mA 90 90 max Output Current (in Linear Sourcing, RL = 100Ω 100 mA Region) Sinking, RL = 100Ω 100 ISC Output Short Circuit Current Sourcing 140 mA Sinking 135 IS Supply Current 6.5 8.5 8.5 mA 9.5 9.5 max (1) Typical values represent the most likely parametric norm. (2) All limits are specified by testing or statistical analysis. (3) Large signal voltage gain is the total output swing divided by the input signal required to produce that swing. For VS = ±15V, VOUT = ±5V. For VS = ±5V, VOUT = ±1V. (4) The open loop output current is specified, by the measurement of the open loop output voltage swing, using 100 Ω output load. Copyright © 1999–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM7171 |