| Moteur de recherche de fiches techniques de composants électroniques |
|
CCVGA7C9G-R16-T Fiches technique(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
CCVGA7C9G-R16-T Fiches technique(HTML) 5 Page - Unisonic Technologies |
|
5 / 6 page ![]() CCVGA7C9 Preliminary TVS UNISONICTECHNOLOGIESCO.,LTD 5 of 6 www.unisonic.com.tw QW-R223-015.a ELECTRICAL CHARACTERISTICS(Cont.) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT SYNC Driver H => L Propagation Delay tPHL CL=50pF, VCC=5.0V, Input tR and tF≤5ns 12 ns SYNC Driver Output Rise & Fall Times tR, tF CL=50pF, VCC=5.0V, Input tR and tF≤5ns 4 ns ESD Withstand Voltage (Note 3) VESD VCC_VIDEO=VCC_SYNC=5V ±8 kV Notes: 1. All parameters specified over standard operating conditions unless otherwise noted. 2. These parameters apply only to the SYNC drivers. Note that ROUT=RT + RBUFFER. 3. The SYNC_OUT pins on the UTC CCVGA7C9-02 are guaranteed for 2kV HBM ESD protection. |