| Moteur de recherche de fiches techniques de composants électroniques |
|
MAC321 Fiches technique(PDF) 2 Page - Digitron Semiconductors |
|
|
|||||||||||||||||||||||||||||
MAC321 Fiches technique(HTML) 2 Page - Digitron Semiconductors |
|
2 / 4 page ![]() DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 MAC321(A) SERIES SILICON BIDIRECTIONAL THYRISTORS MECHANICAL CHARACTERISTIC Case TO-220AB Marking Alpha-numeric Pin out See below sales@digitroncorp.com TO-220AB Inches Millimeters Min Max Min Max A 0.575 0.620 14.600 15.750 B 0.380 0.405 9.650 10.290 C 0.160 0.190 4.060 4.820 D 0.025 0.035 0.640 0.890 F 0.142 0.147 3.610 3.730 G 0.095 0.105 2.410 2.670 H 0.110 0.155 2.790 3.930 J 0.014 0.022 0.360 0.560 K 0.500 0.562 12.700 14.270 L 0.045 0.055 1.140 1.390 N 0.190 0.210 4.830 5.330 Q 0.100 0.120 2.540 3.040 R 0.080 0.110 2.040 2.790 S 0.045 0.055 1.140 1.390 T 0.235 0.255 5.970 6.480 U - 0.050 - 1.270 V 0.045 - 1.140 - Z - 0.080 - 2.030 fax +1.908.245-0555 www.digitroncorp.com Rev. 20130207 |