| Moteur de recherche de fiches techniques de composants électroniques |
|
60271 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
60271 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 9 page ![]() Multi 9 System Catalog Section 1—Introduction 7 03/2008 © 2002–2008 Schneider Electric All Rights Reserved Section 1—Introduction Multi 9TM Products for Equipment Applications The Multi 9 modular system of miniature circuit breakers and supplementary protectors, accessories, and peripherals provides complete protection of equipment or especially sensitive circuits within the equipment. Installation labor and space are both minimized by the modular architecture of the Multi 9 system, whether a single protective device or multiple devices with their accessories are being used. Schneider Electric offers an extensive line of UL 489 Circuit Breakers and UL 1077 Supplementary Protectors. In addition, a variety of IEC certified Circuit Breakers and Accessories are available for OEM's whose products are destined for export beyond North America. To an OEM, this means that one family of electrical protection products can be used regardless of equipment destination. The Standards include: Potential applications include semi-conductor machines, communication equipment, process control panels, computers, medical equipment, electronic controls, transformers, power supplies, and other electrical equipment. System Flexibility The Multi 9 System includes an extensive line of field-installable accessories. Plug-on electrical auxiliaries include shunt trip, undervoltage release, auxiliary switch, and alarm switch. Other protection devices include residual current devices, dc circuit breakers, and switches. Control and display devices include signal lamps, push buttons, and motor operators. There are also mechanical accessories for locking, operating, shielding, mounting, etc. The following diagram shows many of the Multi 9 system accessories. • UL 489 Standard for Circuit Breakers • UL 489A Standard for DC Communication Applications • UL 1077 Standard for Supplementary Protectors • UL 1053 Ground Fault Sensing and Relaying Equipment • IEC 60947-2 Low-voltage switchgear and controlgear - Part 2: Circuit-breakers • CSA C22.2 No. 5 Standard for Circuit Breakers • CSA C22.2 No. 235 Supplementary Protectors • CCC Pending 4Q2007 • C60 Miniature Circuit Breakers are RoHS Compliant Figure 1: Functional Diagram of Multi 9 System CI Impulse Counter CH Hour Counter V Signal Lamp V Signal Lamp BP Push Button (N.O.) or Signal BP Push Button (N.C.) or Signal TM Motor Operator SD Alarm Switch OF Aux Switch MX + OF Shunt Trip & Aux Switch MN Under- voltage Release C60 Circuit Breaker Vigi or GFP Residual Current Device IH and IHP Time Switches I Switch CM Selector Switch DPN-N Residual Current Circuit Breaker OFS & Elect. Accessory GFP Ground Fault Protector Status and Display Output Plug-on Electrical Auxiliaries Other devices used with or instead of the C60 device Protected Line Control Inputs Switch or Control Metering Device |