| Moteur de recherche de fiches techniques de composants électroniques |
|
UB244AL-AL-SM1-R Fiches technique(PDF) 9 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UB244AL-AL-SM1-R Fiches technique(HTML) 9 Page - Unisonic Technologies |
|
9 / 11 page ![]() UB244A Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 9 of 11 www.unisonic.com.tw QW-R502-857.a TYPICAL APPLICATION CIRCUIT(Cont.) (4) Connection Example 4 (for 2-cells) BAT1 BAT2 R2 R1 C1 C2 SENSE VC1 VC2 VC3 VSS CO UTC UB244A EB+ EB- FET DP SC PROTECTOR ICT CICT RVCC VCC CVCC Constants for External Components 4 SYMBOL MIN TYP MAX UNIT R1 to R2 0 1 k 10 k Ω C1 to C2 0 0.1 1 μF RVCC 0 100 1 k Ω CVCC 0 0.1 1 μF CICT 0 0.1 1 μF Notes: 1. The above constants may be changed without notice. 2. It has not been confirmed whether the operation is normal or not in circuits other than the above example of connection. In addition, the example of connection shown above and the constant do not guarantee proper operation. Perform through evaluation using the actual application to set the constant. |