| Moteur de recherche de fiches techniques de composants électroniques |
|
THS4501CD Fiches technique(PDF) 30 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
THS4501CD Fiches technique(HTML) 30 Page - National Semiconductor (TI) |
|
30 / 48 page ![]() Rg R f ) Rg Rg ) Rs 2 2 (eni)2 NA: Fully Differential Amplifier; termination = 2Rg Noise Source Scale Factor (ini)2 Rg2 (iii)2 Rg2 Ni NA Rg Rf eg ef es Rs en No ini iii Rt et Ni Si No So + − fully-diff amp Rg Rf eg ef 2 Rg R f 2 4kTRf 4kTRg 2 Rg Rg ) Rs 2 2 N i + 4kTRs 2RtRg R t)2Rg Rs) 2RtRg R t)2Rg 2 Rg R f ) Rg Rg ) RsRt 2 Rs )Rt 2 (eni)2 NA: Fully Differential Amplifier Noise Source Scale Factor (ini)2 Rg2 (iii)2 Rg2 2 N =4kTR i S 2R G R +2R S G N = (NoiseSource ScaleFactor) S ´ A 4kTRt 2RsRG Rs)2Rg Rt ) 2RsRg Rs)2Rg 2 F=1+ NA NI 4kTRf 2 Rg R f 2 NF + 10 log (F) 4kTRg 2 Rg Rg ) RsRt 2 Rs )Rt 2 THS4500 THS4501 SLOS350F – APRIL 2002 – REVISED OCTOBER 2011 www.ti.com Scaling Factors for Individual Noise Sources Asseming No Termination Resistance is Used (that is, RT is Open) (18) (19) (20) (21) Figure 111. Noise Sources in a Fully Differential Amplifier Circuit Scaling Factors for Individual Noise Sources (22) Assuming a Finite Value Termination Resistor Input Noise With a Termination Resistor (23) (12) Input Noise Assuming No Termination Resistor (13) (14) (24) Noise Factor and Noise Figure Calculations (25) (15) (26) (16) (27) (17) 30 Submit Documentation Feedback Copyright © 2002–2011, Texas Instruments Incorporated Product Folder Link(s): THS4500 THS4501 |