| Moteur de recherche de fiches techniques de composants électroniques |
|
L8001G-R20-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
L8001G-R20-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 5 page ![]() UNISONIC TECHNOLOGIES CO., LTD L8001 Preliminary CMOS IC www.unisonic.com.tw 1 of 5 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R502-938.a FET BIAS CONTROLLER DESCRIPTION The UTC L8001 is specially designed integrated circuit for satellite receiver front-end block. It provides stable drain and gate bias conditions for GaAs or HEMT FETs. The UTC L8001, provide six FETs bias control respectively. By adjusting two external resistors, it can change the FET’s bias current to optimize the satellite receiver front end block performances. It generates the required negative voltage to bias the gate of GaAs FET, and internally provides protection circuit that can protect the FET devices during supply voltage transient. So it is very popular in satellite receiver front end block. FEATURES * Built in FET device protection circuit * Adjustable FET device operating current * Stable bias control for GaAs and HEMT FETs * Drive up to six FETs * Wide supply voltage range ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free L8001L-R20-T L8001G-R20-T SSOP-20 Tube L8001L-R20-R L8001G-R20-R SSOP-20 Tape Reel L8001L-R20-T (1)Packing Type (2)Package Type (3)Halogen Free (1) T: Tube, R: Tape Reel (2) SSOP-20 (3) L: Lead Free, G: Halogen Free |
Numéro de pièce similaire - L8001G-R20-R |
|
Description similaire - L8001G-R20-R |