| Moteur de recherche de fiches techniques de composants électroniques |
|
L2800G-P08-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
L2800G-P08-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 7 page ![]() UNISONIC TECHNOLOGIES CO., LTD L2800 LINEAR INTEGRATED CIRCUIT www.unisonic.com.tw 1 of 7 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R103-030.C SWITCHING REGULATOR CONTROLLER(LOW VOLTAGE) DESCRIPTION The UTC L2800 which is incorporating a soft start function and short circuit detection function is a single-channel switching regulator control IC and is made for low voltage applications. Because the device has a low minimum operating voltage of 1.8V, so it is ideal for the power supply of battery-operated electronic equipment. FEATURES *Wide supply voltage operating range: 1.8V~15V *Low current consumption: Typically 5.5mA in operation,1μA or less in stand-by *High speed operation is possible: Maximum 1MHz *The error amplifier gain is set inside the IC, so peripheral components are minimized. *Incorporates a soft start circuit. *Incorporates a timer-latch type short circuit detection circuit (SCP). *Totem-pole type output with adjustable on/off current (for NPN transistors) *Incorporates a stand-by function. SOP-8 TSSOP-8 ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free L2800L-S08-T L2800G-S08-T SOP-8 Tube L2800L-S08-R L2800G-S08-R SOP-8 Tape Reel L2800L-P08-T L2800G-P08-T TSSOP-8 Tube L2800L-P08-R L2800G-P08-R TSSOP-8 Tape Reel |
Numéro de pièce similaire - L2800G-P08-R |
|
Description similaire - L2800G-P08-R |