Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THS4281DBVT Fiches technique(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce THS4281DBVT
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

THS4281DBVT Fiches technique(HTML) 30 Page - National Semiconductor (TI)

Back Button THS4281DBVT Datasheet HTML 26Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 27Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 28Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 29Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 30Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 31Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 32Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 33Page - National Semiconductor (TI) THS4281DBVT Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
THS4281DBVR
SOT-23
DBV
5
3000
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
THS4281DBVT
SOT-23
DBV
5
250
180.0
9.0
3.15
3.2
1.4
4.0
8.0
Q3
THS4281DGKR
VSSOP
DGK
8
2500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
THS4281DR
SOIC
D
8
2500
330.0
12.4
6.4
5.2
2.1
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Jan-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37