Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L16B06L-R24-R Fiches technique(PDF) 12 Page - Unisonic Technologies

No de pièce L16B06L-R24-R
Description  16-BIT CONSTANT CURRENT LED DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L16B06L-R24-R Fiches technique(HTML) 12 Page - Unisonic Technologies

Back Button L16B06L-R24-R Datasheet HTML 5Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 6Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 7Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 8Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 9Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 10Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 11Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 12Page - Unisonic Technologies L16B06L-R24-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
L16B06
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R502-A45.a
POWER DISSIPATION
The power dissipation of a semiconductor chip is limited to its package and ambient temperature, in which the
device requires the maximum output current calculated for given operating conditions. The maximum allowable
power consumption can be calculated by the following equation:
TJ (Junction temperature)(max)(°C) – TA(Ambient Temperature)
PD(max)(watt)=
RTH (Junction - to – air thermal resistance)(°C/watt)
The power consumption of IC can be determined by the following equation an should be less than the maximum
allowable power dissipation:
PD(W) = VCC(V) × IDD(A) + VOUT 0 × IOUT 0 × DUTY 0 + ….. + VOUT 15 × IOUT 15 × DUTY 15 ≤ PD (max)(W)
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13