| Moteur de recherche de fiches techniques de composants électroniques |
|
THS4041CD Fiches technique(PDF) 23 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
THS4041CD Fiches technique(HTML) 23 Page - National Semiconductor (TI) |
|
23 / 34 page ![]() THS4041, THS4042 165MHz CSTABLE HIGHSPEED AMPLIFIERS SLOS237B− MAY 1999 − REVISED FEBRUARY 2000 23 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION evaluation board An evaluation board is available for the THS4041 (literature number SLOP219) and THS4042 (literature number SLOP233). This board has been configured for very low parasitic capacitance in order to realize the full performance of the amplifier. A schematic of the evaluation board is shown in Figure 76. The circuitry has been designed so that the amplifier may be used in either an inverting or noninverting configuration. For more information, please refer to the THS4041 EVM User’s Guide or the THS4042 EVM User’s Guide. To order the evaluation board, contact your local TI sales office or distributor. _ + THS4041 VCC − VCC+ C1 6.8 µF C4 0.1 µF C2 6.8 µF C3 0.1 µF R4 1.3 k Ω R2 1.3 k Ω R3 49.9 Ω R5 49.9 Ω R1 49.9 Ω IN − IN + NULL OUT NULL + + Figure 76. THS4041 Evaluation Board |