| Moteur de recherche de fiches techniques de composants électroniques |
|
27310 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
27310 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers |
|
2 / 2 page ![]() www.wihatools.com Wiha Quality Tools Germany 139 Phillips Screwdriver, With Precision ESD Safe Conductive Handle. Blade high alloy chrome-vanadium-molybdenum steel. Hard chrome finished. Handle manufactured from impact resistant, conductive material. Item No. Size mm Inch mm Inch mm Inch lbs. pkg. Each 273 02 000 40 1.6 2.0 .079 120 4.7 .02 10 $7.50 273 05 00 40 1.6 2.0 .079 120 4.7 .02 10 $5.30 273 07 00 75 3.0 2.0 .079 155 6.1 .02 10 $6.34 273 10 0 50 2.0 3.0 .118 145 5.7 .04 10 $5.00 273 12 0 75 3.0 3.0 .118 170 6.7 .03 10 $5.90 273 14 0 100 4.0 3.0 .118 195 7.6 .05 10 $6.22 273 16 0 150 5.9 3.0 .118 245 9.6 .06 10 $6.54 273 20 1 60 2.3 4.0 .157 170 6.7 .06 10 $5.08 273 22 1 75 3.0 4.0 .157 155 6.1 .06 10 $5.86 273 24 1 100 3.9 4.0 .157 210 8.2 .06 10 $6.22 273 26 1 150 5.9 4.0 .157 260 10.2 .07 10 $6.54 273 Set 8 Pcs. Slotted & Phillips Precision ESD Safe Conductive Handle. Blade high alloy CVM steel, hardened, hard chromed. Handle manufactured from impact resistant, conductive material. In storage pouch Item No. mm mm Size mm lbs. 273 99 272 15 1.5 40 273 02 000 40 .50 272 20 2.0 40 273 05 00 40 272 25 2.5 50 273 10 0 50 Each 272 30 3.0 50 273 20 1 60 $47.20 273 99 Set 7 Pcs. Extra Long Slotted & Phillips Precision ESD Safe Conductive Handle Blade CVM steel, hardened, hard chromed. Handle impact resistant, conductive material. Item No. mm mm Size mm lbs. 273 93 272 24 2.0 150 273 16 0 150 .48 272 28 2.5 150 273 26 1 150 272 34 3.0 150 272 38 3.5 150 Each 272 43 4.0 150 $44.70 273 93 Rugged Polyester Canvas Storage Pouch Holds 8 Precision Tools up to 170mm in length. Folding pouch. Has security flaps and velcro closer. Item No. Size lbs. pkg. Each 911 18 14 1/2” W x 7 3/4” L .13 1 $6.22 911 18 Precision ESD Safe Slotted/Phillips Drivers D D |