Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSR100L-S08-R Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce UPSR100L-S08-R
Description  HIGH PRECISION CC/CV PRIMARY SIDE REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPSR100L-S08-R Fiches technique(HTML) 1 Page - Unisonic Technologies

  UPSR100L-S08-R Datasheet HTML 1Page - Unisonic Technologies UPSR100L-S08-R Datasheet HTML 2Page - Unisonic Technologies UPSR100L-S08-R Datasheet HTML 3Page - Unisonic Technologies UPSR100L-S08-R Datasheet HTML 4Page - Unisonic Technologies UPSR100L-S08-R Datasheet HTML 5Page - Unisonic Technologies UPSR100L-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UPSR100
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-946.c
SOP-8
HIGH PRECISION CC/CV
PRIMARY SIDE REGULATOR
DESCRIPTION
The UTC UPSR100 is a primary control unit for switch mode
charger and adapter applications. The controlled variable is
transferred by an auxiliary winding from the secondary to the
primary side. The device uses Pulse Frequency Modulation (PFM)
method to build discontinuous conduction mode (DCM) flyback
power supplies.
The UTC UPSR100 operates in primary-side sensing and
regulation. Opto-coupler and TL431 could be eliminated. It also
eliminates the need of loop compensation circuitry while
maintaining stability.
The UTC UPSR100 achieves high precision CV/CC regulation
and high power efficiency. It offers comprehensive protection
coverage with auto-recovery features including Cycle-by-cycle
current limiting, output over voltage protection, feedback loop open
protection, short circuit protection, leading edge blanking, VCC
under voltage lockout, etc.
FEATURES
* ±5% constant voltage regulation at universal AC input
* High precision constant current regulation at universal AC input
* Primary side control without TL431 and opto-coupler
* Programmable CV and CC regulation
* Eliminates control loop compensation circuitry
* Flyback topology in DCM operation
* Random frequency modulation to reduce system EMI
* Driver BJT switch
* Built-in leading edge blanking
* Built-in primary winding inductance
compensation
* Open circuit protection
* Over voltage protection
* Short circuit protection
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UPSR100L-S08-T
UPSR100G-S08-T
SOP-8
Tube
UPSR100L-S08-R
UPSR100G-S08-R
SOP-8
Tape Reel
UPSR100L-S08-R
(1)Packing Type
(2)Package Type
(1) T: Tube, R: Tape Reel
(2) S08: SOP-8
(3) L: Lead Free, G: Halogen Free
(3)Halogen Free


Numéro de pièce similaire - UPSR100L-S08-R

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UPSR100G-S08-R UTC-UPSR100G-S08-R Datasheet
211Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
UPSR100 UTC-UPSR100_15 Datasheet
211Kb / 7P
HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
More results

Description similaire - UPSR100L-S08-R

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UPSR1103 UTC-UPSR1103 Datasheet
201Kb / 8P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UC1103 UTC-UC1103 Datasheet
235Kb / 9P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01 UTC-UPSRB01 Datasheet
200Kb / 6P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01A UTC-UPSRB01A Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB01B UTC-UPSRB01B Datasheet
226Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB02 UTC-UPSRB02 Datasheet
213Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB02 UTC-UPSRB02_16 Datasheet
160Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB03 UTC-UPSRB03 Datasheet
164Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
UPSRB04 UTC-UPSRB04 Datasheet
173Kb / 7P
HIGH PRECISION CC/CV PRIMARY SIDE SWITCHING REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
TC6520 FUMAN-TC6520 Datasheet
237Kb / 4P
High precision CC/CV primary side controller
More results


Html Pages

1 2 3 4 5 6