| Moteur de recherche de fiches techniques de composants électroniques |
|
RF14 Fiches technique(PDF) 47 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RF14 Fiches technique(HTML) 47 Page - Renesas Technology Corp |
|
47 / 56 page ![]() RL78 Family Chapter 5 User Interface EEPROM Emulation Library Pack02 R01US0068EJ0100 Rev.1.00 Page 47 of 53 Mar. 28, 2014 EEL_GetVersionString [Function] This obtains the version information of the EEL. [Format] <C language> __far eel_u08* __far EEL_GetVersionString(void) <Assembler> CALL !EEL_GetVersionString or CALL !!EEL_GetVersionString Remark Call this function by using ! if placing the EEL at 00000H to 0FFFFH or by using !! if not. [Pre-conditions] None [Post-conditions] None [Cautions] None [Register status after calling this function] None [Arguments] None [Return values] Type Description eel_u08* (far) The address at which the version information of the EEL is input (24-bit address area) Example: For EEPROM emulation library Pack02 V1.00 (ASCII code) “ERL78T02R110_GVxxx” Version information : V110→V1.10 Corresponding tool : Renesas Electronics version Type name : Type02 Corresponding device : RL78 Target library : EEL |