| Moteur de recherche de fiches techniques de composants électroniques |
|
L13 Fiches technique(PDF) 27 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
L13 Fiches technique(HTML) 27 Page - Renesas Technology Corp |
|
27 / 42 page ![]() QB-RL78L1C In-Circuit Emulator CHAPTER 2 SETUP PROCEDURE R20UT2703EJ0200 Rev.2.00 Page 27 of 42 Jan 31, 2014 Probe holder 2.4 Connecting QB-RL78L1C to Target System If connecting the emulation probe (QB-144-EP-02S), connect it to the QB-RL78L1C and the target system by the following procedure. (a) Connect the QB-RL78L1C to the probe. Connect the emulation probe to the QB-RL78L1C, as shown below. Insert CN1, CN2 and CN3 of the probe into TCN1, TCN2 and TCN3 of the QB-RL78L1C. Insert the probe holder into QB-RL78L1C as below. Figure 2-5. Connect the QB-RL78L1C to the probe (b) Connection of emulation probe GND wire There are three GND wires in the emulation probe. Connect them to the QB-RL78L1C and target system. <1> Fasten the GND wire on the QB-RL78L1C side of the emulation probe to the nut on the bottom of the QB-RL78L1C using a #0 or #1 Phillips precision screwdriver (connection of B to A in Figure 2-6). <2> Next insert the connector on the top of the emulation probe into the connector at the opening on the bottom of the QB-RL78L1C from below being careful of the insertion direction (connection of C in Figure 2-6 to QB-RL78L1C). |