| Moteur de recherche de fiches techniques de composants électroniques |
|
LR43033-AG6-R Fiches technique(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR43033-AG6-R Fiches technique(HTML) 1 Page - Unisonic Technologies |
|
1 / 7 page ![]() UNISONIC TECHNOLOGIES CO., LTD LR4XXYY Preliminary CMOS IC www.unisonic.com.tw 1 of 7 Copyright © 2013 Unisonic Technologies Co., Ltd QW-R502-A39.a Dual,Low-Noise,200mA LDO REGULATOR DESCRIPTION The UTC LR4XXYY are dual voltage regulator ICs that have high output voltage accuracy, low dropout, low supply current, and high ripple rejection. Every Channel of UTC LR4XXYY series consists of a voltage reference unit and over temperature protection, simultaneity; also consists of an error amplifier, a current limit circuit, resistors for setting output voltage, and a chip enable circuit, respectively. The EN1 and EN2 pins control each output respectively, When both outputs shutdown simultaneously, the chip will be turn off and consumes nearly zero operation current which is suitable for battery-power devices. The load transient response and line transient response of the UTC LR4XXYY Series are excellent, so these ICs are suitable for hand-held communication equipment power supply. FEATURES * 200mA Guaranteed Output Current(Each LDO) * Dual Shutdown Pins Control Each Output * 120mV Dropout at 100mA Load * Current Limiting Protection * Thermal Shutdown Protection * Excellent Line/Load Transient * RoHS Compliant and 100% Lead (Pb)-Free SOT-26 4 5 3 2 1 6 ORDERING INFORMATION Ordering Number Package Packing Lead Free Halogen Free LR4XXYYL-AG6-R LR4XXYYG-AG6-R SC59-6 Tape Reel Note: XXYY: Output Voltage, refer to Marking Information. |
Numéro de pièce similaire - LR43033-AG6-R |
|
Description similaire - LR43033-AG6-R |