Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MR2002 Fiches technique(PDF) 2 Page - Digitron Semiconductors

No de pièce MR2002
Description  MEDIUM CURRENT SILICON RECTIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIGITRON [Digitron Semiconductors]
Site Internet  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MR2002 Fiches technique(HTML) 2 Page - Digitron Semiconductors

  MR2002 Datasheet HTML 1Page - Digitron Semiconductors MR2002 Datasheet HTML 2Page - Digitron Semiconductors MR2002 Datasheet HTML 3Page - Digitron Semiconductors MR2002 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MR2000 SERIES
MEDIUM CURRENT SILICON RECTIFIERS
Duty cycle = D = tp/t1
Peak power = Ppk
is peak of an
equivalent square
power pulse
To determine maximum junction temperature of the diode in a given situation the following procedure is recommended:
The temperature of the case should be measured using a thermocouple placed on the case at the temperature reference
point. The thermal mass connected to the case is normally large enough so that it will not significantly respond to heat
surges generated in the diode as a result of pulsed operation once steady state conditions are achieved. Using the
measured value of TC the junction temperature may be determined by: TJ = TC + ΔTJC, where ΔTJC is the increase in
junction temperature above the case temperature.
It may be determined by ΔTJC = Ppk ● RØJC [D + (1-D) ● r(tr +tp) –r(t1)] where r(t) = normalized value of transient
thermal resistance at time t from figure 6, and r(t1+tp) = normalized value of transient thermal resistance at time t1 +tp.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121127



Html Pages

1 2 3 4