Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LR9200L-20-AF5-R Fiches technique(PDF) 2 Page - Unisonic Technologies

No de pièce LR9200L-20-AF5-R
Description  LOW NOISE 200mA LDO REGULATOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9200L-20-AF5-R Fiches technique(HTML) 2 Page - Unisonic Technologies

  LR9200L-20-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9200L-20-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9200L-20-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9200L-20-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9200L-20-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9200L-20-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR9200L-20-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LR9200
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 7
www.unisonic.com.tw
QW-R502-955,A
MARKING
PACKAGE
VOLTAGE CODE
MARKING
SOT-89
12:1.2V
15:1.5V
16:1.6V
18:1.8V
20:2.0V
25:2.5V
2J:2.85V
30:3.0V
33:3.3V
50:5.0V
SOT-25
3
2
1
5
4
R0XX
Voltage Code
L: Lead Free
G: Halogen Free
PIN CONFIGURATION
SOT-89
SOT-25
PIN CODE: C
PIN DESCRIPTIONS
PIN NAME
DESCRIPTION
VIN
Input Pin
GND
Ground Pin
CE
Chip Enable Pin. Active when this Pin is high.
NC
No Connection
VOUT
Output Pin
BLOCK DIAGRAM
+
-
Current Limit
Reference
Voltage
GND
VOUT
CE
VIN



Html Pages

1 2 3 4 5 6 7