| Moteur de recherche de fiches techniques de composants électroniques |
|
721 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
721 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
|
|
1 / 1 page ![]() Toll Free: (800) 494-6104 Wiha Quality Tools 212 Hex Metric Sockets 1/4” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. mm mm lbs. 713 01 1.5 38 .04 713 02 2.0 38 .04 713 05 2.5 38 .04 713 13 3.0 38 .04 713 14 4.0 38 .04 713 17 5.0 38 .05 713 19 6.0 38 .05 713 27 8.0 38 .05 713 40 10.0 38 .05 713 Hex Metric Sockets 3/8” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. mm mm lbs. 713 00 2.0 42 .09 713 16 2.5 42 .09 713 41 3.0 42 .09 713 31 4.0 42 .09 713 23 5.0 42 .09 713 25 6.0 42 .09 713 20 8.0 42 .10 713 22 10.0 42 .11 713 Hex Metric Sockets 3/8” Square drive socket. Replaceable bit. 5/16” bits CVM steel. Item No. mm mm lbs. 713 32 12.0 75 .22 713 Hex To Square 1/4” socket bit adapter. Item No. Size mm Drive lbs. 721 10 1/4” 25 1/4” .03 721 15 1/4” 30 3/8” .05 721 Tool Shaft 1/4” drive socket power adapter. Item No. Drive mm Drive lbs. 724 01 1/4” 100 1/4” .09 724 05 1/4” 50 1/4” .03 724 10 1/4” 100 3/8” .17 724 15 1/4” 50 3/8” .06 724 Impact Bit Holding Socket With Retaining Ring For 1/4” drive bits. Item No. Bit mm Drive lbs. 720 01 1/4 25 1/4” .05 720 02 1/4 30 3/8” .10 720 03 1/4 35 1/2” .21 720 Wiha Sockets Hex Sockets 1/4 ” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. Inch mm lbs. 713 71 1/16 38 .05 713 70 5/64 38 .05 713 72 3/32 38 .05 713 74 7/64 38 .05 713 76 1/8 38 .05 713 78 9/64 38 .05 713 80 5/32 38 .05 713 82 3/16 38 .05 713 84 7/32 38 .05 713 86 1/4 38 .05 713 Security Hex Inch Sockets 3/8 ” Square drive socket. Replaceable bit. 1/4” bits CVM steel. Item No. Inch mm lbs. 761 64 5/64 42 .09 761 65 3/32 42 .09 761 66 7/64 42 .09 761 67 1/8 42 .09 761 68 9/64 42 .09 761 69 5/32 42 .09 761 70 3/16 42 .09 761 71 7/32 42 .09 761 72 1/4 42 .09 761 Hex Sockets 3/8 ” Square drive socket. Replaceable bit. 1/4” bits CVM tool steel. Item No. Inch mm lbs. 713 75 1/8 42 .09 713 77 9/64 42 .09 713 79 5/32 42 .09 713 81 3/16 42 .09 713 83 7/32 42 .09 713 85 1/4 42 .09 713 88 5/16 42 .10 713 90 3/8 42 .10 713 Impact Bit Holding Socket With Retaining Ring For 5/16” drive bits. Item No. Bit mm Drive lbs. 720 04 5/16 25 1/4” .04 720 05 5/16 30 3/8” .04 720 06 5/16 35 1/2” .04 720 I N D E X Go To Image Index Go To Numerical Index SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP PREVIOUS NEXT |
Numéro de pièce similaire - 721 |
|
Description similaire - 721 |