| Moteur de recherche de fiches techniques de composants électroniques |
|
LR1801L-25-SH2-R Fiches technique(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LR1801L-25-SH2-R Fiches technique(HTML) 2 Page - Unisonic Technologies |
|
2 / 5 page ![]() LR1801 Preliminary CMOS IC UNISONICTECHNOLOGIESCO.,LTD 2 of 5 www.unisonic.com.tw QW-R502-A03.d MARKING INFORMATION PACKAGE VOLTAGE CODE MARKING HSOP-8 12: 1.2V 15 : 1.5V 18: 1.8V 25: 2.5V 33: 3.3V PIN CONFIGURATION 1 NC NC NC NC 2 3 4 5 6 7 8 VIN VOUT GND GND ON/ OFF PIN DESCRIPTION PIN NO. PIN NAME PIN DESCRIPTION 1 VOUT Output voltage 2 ON /OFF ON/OFF select pin, when connected to the ground the chip in operating normally. 3, 5,6,7 NC No connection 4 GND GND 8 VIN Input voltage Note: The NC pin is electrically open. The NC pin can be connected to VIN or GND. BLOCK DIAGRAM |