| Moteur de recherche de fiches techniques de composants électroniques |
|
SA110 Fiches technique(PDF) 2 Page - Socay Electornics Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SA110 Fiches technique(HTML) 2 Page - Socay Electornics Co., Ltd. |
|
2 / 6 page ![]() Axial Lead Transient Voltage Suppressors (TVS) Revision August 25, 2013 2 / 6 @ SOCAY Electronics Co., Ltd. 2013 Specifications are subject to change without notice. Please refer to www.socay.com for current information. SA Series 5.0 To 190 V 500W SOCAY Electronics Co., Ltd. www.socay.com Part Number Breakdown Voltage VBR (V) @IT Uni Bi Reverse Stand-Off Voltage VRWM (V) MIN MAX Test Current IT (mA) Maximum Clamping Voltage VC @IPP (V) Maximum Peak Pulse Current IPP (A) Maximum Reverse Leakage IR @VRWM ( μA) SA5.0 SA5.0C 5.0 6.40 7.30 10 9.6 52.08 600 SA5.0A SA5.0CA 5.0 6.40 7.00 10 9.2 54.35 600 SA6.0 SA6.0C 6.0 6.67 8.15 10 11.4 43.86 600 SA6.0A SA6.0CA 6.0 6.67 7.37 10 10.3 48.54 600 SA6.5 SA6.5C 6.5 7.22 8.82 10 12.3 40.65 400 SA6.5A SA6.5CA 6.5 7.22 7.98 10 11.2 44.64 400 SA7.0 SA7.0C 7.0 7.78 9.51 10 13.3 37.59 150 SA7.0A SA7.0CA 7.0 7.78 8.60 10 12.0 41.67 150 SA7.5 SA7.5C 7.5 8.33 10.20 1 14.3 34.97 50 SA7.5A SA7.5CA 7.5 8.33 9.21 1 12.9 38.76 50 SA8.0 SA8.0C 8.0 8.89 10.90 1 15.0 33.33 25 SA8.0A SA8.0CA 8.0 8.89 9.83 1 13.6 36.76 25 SA8.5 SA8.5C 8.5 9.44 11.50 1 15.9 31.45 5 SA8.5A SA8.5CA 8.5 9.44 10.40 1 14.4 34.72 5 SA9.0 SA9.0C 9.0 10.00 12.20 1 16.9 29.59 5 SA9.0A SA9.0CA 9.0 10.00 11.10 1 15.4 32.47 5 SA10 SA10C 10.0 11.10 13.60 1 18.8 26.60 5 SA10A SA10CA 10.0 11.10 12.30 1 17.0 29.41 5 SA11 SA11C 11.0 12.20 14.90 1 20.1 24.88 5 SA11A SA11CA 11.0 12.20 13.50 1 18.2 27.47 5 SA12 SA12C 12.0 13.30 16.30 1 22.0 22.73 5 SA12A SA12CA 12.0 13.30 14.70 1 19.9 25.13 5 SA13 SA13C 13.0 14.40 17.60 1 23.8 21.01 5 SA13A SA13CA 13.0 14.40 15.90 1 21.5 23.26 5 SA14 SA14C 14.0 15.60 19.10 1 25.8 19.38 5 SA14A SA14CA 14.0 15.60 17.20 1 23.2 21.55 5 SA15 SA15C 15.0 16.70 20.40 1 26.9 18.59 5 SA15A SA15CA 15.0 16.70 18.50 1 24.4 20.49 5 SA16 SA16C 16.0 17.80 21.80 1 28.8 17.36 5 SA16A SA16CA 16.0 17.80 19.70 1 26.0 19.23 5 SA17 SA17C 17.0 18.90 23.10 1 30.5 16.39 5 SA17A SA17CA 17.0 18.90 20.90 1 27.6 18.12 5 SA18 SA18C 18.0 20.00 24.40 1 32.2 15.53 5 SA18A SA18CA 18.0 20.00 22.10 1 29.2 17.12 5 SA19 SA19C 19.0 21.13 25.76 1 34.0 14.70 5 SA19A SA19CA 19.0 21.10 23.30 1 30.8 16.24 5 SA20 SA20C 20.0 22.20 27.10 1 35.8 13.97 5 SA20A SA20CA 20.0 22.20 24.50 1 32.4 15.43 5 SA22 SA22C 22.0 24.40 29.80 1 39.4 12.69 5 SA22A SA22CA 22.0 24.40 26.90 1 35.5 14.08 5 SA24 SA24C 24.0 26.70 32.60 1 43.0 11.63 5 SA24A SA24CA 24.0 26.70 29.50 1 38.9 12.85 5 SA26 SA26C 26.0 28.90 35.30 1 46.6 10.73 5 SA26A SA26CA 26.0 28.90 31.90 1 42.1 11.88 5 SA28 SA28C 28.0 31.10 38.00 1 50.0 10.00 5 SA28A SA28CA 28.0 31.10 34.40 1 45.4 11.01 5 SA30 SA30C 30.0 33.30 40.70 1 53.5 9.35 5 SA30A SA30CA 30.0 33.30 36.80 1 48.4 10.33 5 SA33 SA33C 33.0 36.70 44.90 1 59.0 8.47 5 SA33A SA33CA 33.0 36.70 40.60 1 53.3 9.38 5 SA36 SA36C 36.0 40.00 48.90 1 64.3 7.78 5 SA36A SA36CA 36.0 40.00 44.20 1 58.1 8.61 5 SA40 SA40C 40.0 44.40 54.30 1 71.4 7.00 5 SA40A SA40CA 40.0 44.40 49.10 1 64.5 7.75 5 Electrical Characteristics (TA=25℃ unless otherwise noted) |