Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F110MF Fiches technique(PDF) 91 Page - Renesas Technology Corp

No de pièce R5F110MF
Description  RENESAS MCU
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F110MF Fiches technique(HTML) 91 Page - Renesas Technology Corp

Back Button R5F110MF Datasheet HTML 87Page - Renesas Technology Corp R5F110MF Datasheet HTML 88Page - Renesas Technology Corp R5F110MF Datasheet HTML 89Page - Renesas Technology Corp R5F110MF Datasheet HTML 90Page - Renesas Technology Corp R5F110MF Datasheet HTML 91Page - Renesas Technology Corp R5F110MF Datasheet HTML 92Page - Renesas Technology Corp R5F110MF Datasheet HTML 93Page - Renesas Technology Corp R5F110MF Datasheet HTML 94Page - Renesas Technology Corp R5F110MF Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 153 page
background image
RL78/L1C
3. ELECTRICAL SPECIFICATIONS (G: TA = -40 to +105 °C)
R01DS0192EJ0200 Rev. 2.00
Page 91 of 149
Feb 21, 2014
3.2
Oscillator Characteristics
3.2.1
X1 and XT1 oscillator characteristics
Note
Indicates only permissible oscillator frequency ranges. Refer to AC Characteristics for instruction execution time.
Request evaluation by the manufacturer of the oscillator circuit mounted on a board to check the oscillator
characteristics.
Caution
Since the CPU is started by the high-speed on-chip oscillator clock after a reset release, check the X1 clock
oscillation stabilization time using the oscillation stabilization time counter status register (OSTC) by the user.
Determine the oscillation stabilization time of the OSTC register and the oscillation stabilization time select
register (OSTS) after sufficiently evaluating the oscillation stabilization time with the resonator to be used.
Remark
When using the X1 and XT1 oscillator, refer to 5.4 System Clock Oscillator in the RL78/L1C User’s Manual.
(TA = -40 to +105 °C, 2.4 V
 VDD  3.6 V, VSS = 0 V)
Parameter
Resonator
Conditions
MIN.
TYP.
MAX.
Unit
X1 clock oscillation frequency (fX)
Note
Ceramic resonator/crystal resonator
2.7 V
VDD 3.6 V
1.0
20.0
MHz
2.4 V
VDD < 2.7 V
1.0
16.0
XT1 clock oscillation frequency
(fXT) Note
Crystal resonator
32
32.768
35
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com