| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F110MH Fiches technique(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F110MH Fiches technique(HTML) 2 Page - Renesas Technology Corp |
|
2 / 153 page ![]() RL78/L1C 1. OUTLINE R01DS0192EJ0200 Rev. 2.00 Page 2 of 149 Feb 21, 2014 ROM, RAM capacities Note This is about 15 KB when the self-programming function and data flash function are used. Products with USB Flash ROM Data Flash RAM RL78/L1C 80 pins 85 pins 100 pins 256 KB 8 KB 16 KB Note R5F110MJ R5F110NJ R5F110PJ 192 KB 8 KB 16 KB Note R5F110MH R5F110NH R5F110PH 128 KB 8 KB 12 KB R5F110MG R5F110NG R5F110PG 96 KB 8 KB 10 KB R5F110MF R5F110NF R5F110PF 64 KB 8 KB 8 KB R5F110ME R5F110NE R5F110PE Products without USB Flash ROM Data Flash RAM RL78/L1C 80 pins 85 pins 100 pins 256 KB 8 KB 16 KB Note R5F111MJ R5F111NJ R5F111PJ 192 KB 8 KB 16 KB Note R5F111MH R5F111NH R5F111PH 128 KB 8 KB 12 KB R5F111MG R5F111NG R5F111PG 96 KB 8 KB 10 KB R5F111MF R5F111NF R5F111PF 64 KB 8 KB 8 KB R5F111ME R5F111NE R5F111PE |