Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F64112DFB Fiches technique(PDF) 99 Page - Renesas Technology Corp

No de pièce R5F64112DFB
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64112DFB Fiches technique(HTML) 99 Page - Renesas Technology Corp

Back Button R5F64112DFB Datasheet HTML 94Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 95Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 96Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 97Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 98Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 99Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 100Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 101Page - Renesas Technology Corp R5F64112DFB Datasheet HTML 102Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 99 / 102 page
background image
A- 6
2, 4, 6
• Modified the following expressions in Tables 1.1, 1.3, and 1.5: “Main
clock oscillator stop/re-oscillation detection” to “Main clock oscillator
stop/restart detection”, and “inputs/outputs” to “I/O ports”
3
• Deleted Note 1 from Table 1.2
4, 6
• Deleted memory expansion mode and microprocessor mode from the
operating mode of the CPU in Tables 1.3 and 1.5
5, 7
• Deleted Note 2 from Tables 1.4 and 1.6
7
• Corrected package code in Table 1.6 to “PLQP0064KB-A”
8
• Completed “under development” phase of R5F6411EDFN in Table 1.7
10-12
• Deleted Note 1 from Figures 1.2 to 1.4
13
• Corrected a typo “R5_3” for pin number 41 in Figure 1.5 to “P5_3”
13, 18,
21
• Changed order of signals in Figures 1.5, 1.7, and 1.8
15, 19,
22
• Changed order of timer pins “TB5IN/TA0IN” in Tables 1.8, 1.11, and
1.13
to “TA0IN/TB5IN”
24
• Modified expression “fC” in Table 1.15 to “low speed clocks”
Chapter 2. CPU
—
• Modified wording and enhanced description in this chapter
32
• Corrected a typo “R3R0” in line 3 of 2.1.1 to “R3R1”
Chapter 3. Memory
—
• Modified wording and enhanced description in this chapter
Chapter 4. SFRs
—
• Modified wording and enhanced description in this chapter
41, 42,
44
• Changed hexadecimal format of reset values for registers G1BCR0,
G2BCR0, and G0BCR0 in Tables 4.6, 4.7, and 4.9 to binary
41, 44
• Changed register name “Group i Timer Measurement Prescaler
Register” in Tables 4.6 and 4.9 to “Group i Time Measurement
Prescaler Register”
43
• Modified expression “IE Bus” in Table 4.8 to “IEBus”
46
• Modified expression “XY Control Register” in Table 4.11 to “X-Y
Control Register”
48
• Changed register name “UART2 Transmission/Receive Mode
Register” and “Increment/Decrement Counting Select Register” in
Table 4.13
to “UART2 Transmit/Receive Mode Register” and
“Increment/Decrement Select Register”, respectively; Changed
hexadecimal format of reset values for registers TABSR, ONSF, and
TRGSR to binary
50
• Changed reset value “X00X X000b” for AD0CON2 register in Table
4.15
to “XX0X X000b”
59
• Changed register name “External Interrupt Source Select Register i” in
Table 4.24
to “External Interrupt Request Source Select Register i”
Chapter 5. Electrical Characteristics
—
• Modified wording and enhanced description in this chapter
• Changed expression “clock period” to “clock cycle time”
61
• Changed format for ports P0 and P1 in Table 5.2
Revision History
R32C/111 Group Datasheet
Rev.
Date
Description
Page
Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com