Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R5F64111DFB Fiches technique(PDF) 98 Page - Renesas Technology Corp

No de pièce R5F64111DFB
Description  RENESAS MCU
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F64111DFB Fiches technique(HTML) 98 Page - Renesas Technology Corp

Back Button R5F64111DFB Datasheet HTML 94Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 95Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 96Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 97Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 98Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 99Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 100Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 101Page - Renesas Technology Corp R5F64111DFB Datasheet HTML 102Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 98 / 102 page
background image
A- 5
70, 82
• Added Notes 1 and 2 for 80-/64-pin packages to Tables 5.15 and 5.38
71, 83
• Deleted ports P7_0, P7_1, and P8_5 for RPULLUP from Tables 5.16
and 5.39
; Added Notes 1 and 2 for 80-/64-pin packages
72, 84
• Added “XIN” as “Active” to first, third, and sixth rows of Tables 5.17
and 5.40
• Deleted specification of ICC under condition “Ta = 85°C” from Tables
5.17 and 5.40
73, 85
• Modified minimum value “0.125” for
AD in Tables 5.18 and 5.41, to
“0.25”; Added Note 1 for 80-/64-pin packages
75, 87
• Clarified three “TBD”s for external bus timing in Tables 5.21 and 5.44
78
• Corrected a typo “th(C-Q)” in Table 5.30, to “th(C-D)”
78, 90
• Modified maximum value for th(C-D) “30” in Tables 5.30 and 5.53, to
“80”
• Modified minimum value for tw(ADH) in Tables 5.31 and 5.54, to “
”
• Added Tables 5.33 and 5.56 to provide intelligent I/O timing
requirements
79, 91
• Changed the third formula of Note 1 in Tables 5.34 and 5.57
80, 92
• Modified minimum value of th(W-D) “0” in Tables 5.35 and 5.58, to “0.5
x tc(Base)”; Changed the first formula of Note 1
81, 93
• Modified “Characteristic” for th(C-Q) in Tables 5.36 and 5.59, from
“TXDi hold time” to “TXDi output hold time”
• Added Tables 5.37 and 5.60 to provide intelligent switching
characteristics
83
• Changed measurement condition for “High level input current” in Table
5.39
, from “VI = 3 V” to “VI = 3.3 V”
85
• Added a skipped word “error” after “Differential non-linearity” in Table
5.41
87
• Corrected typos “tw(H),” “tw(L)”, “tr”, and “tf” in Table 5.43, to “tw(XH)”,
“tw(XL)”, “tr(X)”, and “tf(X)”, respectively
95
• Changed D15 to D0 output period of write cycle in Figures 5.8
96
• Changed D15 to D8 output period of write cycle in Figures 5.9
Appendix 1
98, 99
• Added figures for 100-pin plastic molded LGA, and 80-/64-pin plastic
molded LQFP packages
1.20
Sep 26, 2011
—
Fourth edition released
—
The manual in general
• Applied new Renesas templates and formats to the manual
• Changed company name to “Renesas Electronics Corporation” and
changed related descriptions due to business merger of Renesas
Technology Corporation and NEC Electronics Corporation
• Modified expressions “version N” and “version D” to “N version” and “D
version”, respectively (under Chapters 1 and 5)
Chapter 1. Overview
—
• Modified wording and enhanced description in this chapter
Revision History
R32C/111 Group Datasheet
Rev.
Date
Description
Page
Summary
3
AD
----------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com