Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCR2A120MCL1GS Fiches technique(PDF) 2 Page - Nichicon corporation

No de pièce PCR2A120MCL1GS
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NICHICON [Nichicon corporation]
Site Internet  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCR2A120MCL1GS Fiches technique(HTML) 2 Page - Nichicon corporation

  PCR2A120MCL1GS Datasheet HTML 1Page - Nichicon corporation PCR2A120MCL1GS Datasheet HTML 2Page - Nichicon corporation PCR2A120MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
CR
series
Standard Ratings
Rated Voltage
(V)(code)
Surge Voltage
(V)
900
1500
1800
1600
3700
3000
4000
3600
4700
800
1400
1700
1600
3500
2900
3800
3400
4500
800
1300
1700
1500
3400
2700
3800
3200
4300
700
1300
1700
1200
3300
2600
3500
3100
4200
700
1300
1600
1200
3200
2500
3300
3100
4100
600
1100
1500
1200
3100
2500
3300
3100
3900
83
48
30
38
23
27
21
23
17
90
51
33
42
24
30
23
26
18
98
54
35
45
26
33
24
29
20
105
62
38
59
29
35
27
30
21
113
65
41
62
30
36
29
30
23
120
72
47
66
33
38
32
30
24
55
32
20
25
15
18
14
15
11
60
34
22
28
16
20
15
17
12
65
36
23
30
17
22
16
19
13
70
41
25
39
19
23
18
20
14
75
43
27
41
20
24
19
20
15
80
48
31
44
22
25
21
20
16
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.10
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
0.08
5 × 6
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
5 × 6
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
5 × 6
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
5 × 6
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
5 × 6
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
5 × 6
6.3 × 6
6.3 × 8
8 × 7
8 × 10
10 × 8
8 × 12
10 × 10
10 × 12.7
180
330
560
560
1000
1200
1500
1800
2700
120
180
330
330
680
680
1000
1200
1500
68
120
220
220
470
470
560
680
1000
56
100
150
150
330
330
470
560
680
33
56
100
100
220
220
270
330
470
27
47
68
68
150
150
220
270
330
8
6.3
(0J)
13
10
(1A)
20
16
(1C)
25
20
(1D)
31
25
(1E)
43
35
(1V)
PCR0J181MCL1GS
PCR0J331MCL1GS
PCR0J561MCL4GS
PCR0J561MCL1GS
PCR0J102MCL1GS
PCR0J122MCL1GS
PCR0J152MCL1GS
PCR0J182MCL1GS
PCR0J272MCL1GS
PCR1A121MCL1GS
PCR1A181MCL1GS
PCR1A331MCL4GS
PCR1A331MCL1GS
PCR1A681MCL6GS
PCR1A681MCL1GS
PCR1A102MCL1GS
PCR1A122MCL1GS
PCR1A152MCL1GS
PCR1C680MCL1GS
PCR1C121MCL1GS
PCR1C221MCL4GS
PCR1C221MCL1GS
PCR1C471MCL6GS
PCR1C471MCL1GS
PCR1C561MCL1GS
PCR1C681MCL1GS
PCR1C102MCL1GS
PCR1D560MCL1GS
PCR1D101MCL1GS
PCR1D151MCL4GS
PCR1D151MCL1GS
PCR1D331MCL6GS
PCR1D331MCL1GS
PCR1D471MCL1GS
PCR1D561MCL1GS
PCR1D681MCL1GS
PCR1E330MCL1GS
PCR1E560MCL1GS
PCR1E101MCL4GS
PCR1E101MCL1GS
PCR1E221MCL6GS
PCR1E221MCL1GS
PCR1E271MCL1GS
PCR1E331MCL1GS
PCR1E471MCL1GS
PCR1V270MCL1GS
PCR1V470MCL1GS
PCR1V680MCL4GS
PCR1V680MCL1GS
PCR1V151MCL6GS
PCR1V151MCL1GS
PCR1V221MCL1GS
PCR1V271MCL1GS
PCR1V331MCL1GS
Rated Capacitance
(
µF)
Case Size
φD × L (mm)
tan
δ
Part Number
Low temp.
ESR after
Endurance
(m
Ω)
(-40
。
C / 100kHz)
Rated Ripple
(mArms)
(125
。
C / 100kHz)
Initial
ESR
(m
Ω)
(20
。
C / 100kHz)
CAT.8100C



Html Pages

1 2 3