| Moteur de recherche de fiches techniques de composants électroniques |
|
TL062ACD Fiches technique(PDF) 6 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
TL062ACD Fiches technique(HTML) 6 Page - Motorola, Inc |
|
6 / 12 page ![]() TL062 TL064 6 MOTOROLA ANALOG IC DEVICE DATA VCC = +15 V VEE = –15 V RS = 100 Ω TA = 25°C +PSR = 20Log ∆VO/ADM ∆VCC –PSR = 20Log ∆VO/ADM ∆VEE +PSR ( ∆VCC = ±1.5 V) –PSR ( ∆VEE = ±1.5 V) VCC = +15 V VEE = –15 V TA = 25°C VCC VEE ADM – + ∆VO Figure 13. Power Supply Rejection versus Frequency Figure 14. Normalized Gain Bandwidth Product, Slew Rate and Phase Margin versus Temperature Figure 15. Input Bias Current versus Temperature Figure 16. Input Noise Voltage versus Frequency Figure 17. Small Signal Response Figure 18. Large Signal Response f, FREQUENCY (Hz) 100 1.0 k 10 k 100 k 1.0 M TA, AMBIENT TEMPERATURE (°C) –75 –50 –25 0 25 50 75 100 125 Phase Margin Slew Rate TA, AMBIENT TEMPERATURE (°C) –55 –25 0 25 50 75 100 125 VCC = +15 V VEE = –15 V VCM = 0 V f, FREQUENCY (Hz) 10 100 1.0 k 10 k 100 k t, TIME (0.5 µs/DIV) VCC = +15 V VEE = –15 V RL = 10 kΩ CL = 0 pF AV = +1.0 t, TIME (2.0 µs/DIV) GBW VCC = +15 V VEE = –15 V RL = 10 kΩ CL = 0 pF AV = +1.0 140 120 100 80 60 40 20 0 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 0.001 0.01 0.1 1.0 10 100 1000 0 10 20 30 40 50 60 70 1.08 1.06 1.04 1.02 1.0 0.98 0.96 0.94 0.92 VCC = +15 V VEE = –15 V RL = 10 kΩ CL = 0 pF |