| Moteur de recherche de fiches techniques de composants électroniques |
|
P0080SCMC Fiches technique(PDF) 2 Page - HuaXinAn Electronics CO.,LTD |
|
|
|||||||||||||||||||||||||||||
P0080SCMC Fiches technique(HTML) 2 Page - HuaXinAn Electronics CO.,LTD |
|
2 / 5 page ![]() ShenZhen HuaXinAn Electronics Co.,Ltd (micro capacitance) Electrical Characteristics Part Number Marking VDRM @IDRM=5μA VS @100V/ μs IH IS IT VT @IT=2.2Amps Capacitance @1MHz,2V bias V min V max mA min mA max A max Vmax pF P0080SCMC P008C 6 25 50 800 2.2 4 50 P0300SCMC P03C 25 40 50 800 2.2 4 45 P0640SCMC P06C 58 77 150 800 2.2 4 45 P0720SCMC P07C 65 88 150 800 2.2 4 45 P0900SCMC P09C 75 98 150 800 2.2 4 50 P1100SCMC P11C 90 130 150 800 2.2 4 45 P1300SCMC P13C 120 160 150 800 2.2 4 70 P1500SCMC P15C 140 180 150 800 2.2 4 40 P1800SCMC P18C 170 220 150 800 2.2 4 40 P2100SCMC P21C 180 240 150 800 2.2 4 65 P2300SCMC P23C 190 260 150 800 2.2 4 50 P2600SCMC P26C 220 300 150 800 2.2 4 50 P3100SCMC P31C 275 350 150 800 2.2 4 40 P3500SCMC P35C 320 400 150 800 2.2 4 35 Notes: -All measurements are made at an ambient temperature of 25°C .Ipp applies to -40°C through +85°C temperature range . *For surge ratings,see next page. 2 Revised:February 25,2014 www.huaandz.com |