| Moteur de recherche de fiches techniques de composants électroniques |
|
641237 Fiches technique(PDF) 44 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
641237 Fiches technique(HTML) 44 Page - Tyco Electronics |
|
44 / 84 page ![]() 44 This matrix has been prepared to assist you, our customer, in defining the correct mating halves for the MTA-156 posted connector and connector combination. Where a “Y” is indi- cated the combination is a valid mating pair. Where an “N” is indicated the combination is not acceptable for mating. Posted Connectors Posted Connectors 641217 Y YYY 641218 Y YYY 641219 Y YYY 641220 Y YYY 641221 Y YYY 641222 N NNN 641223 N NNN 641224 N NNN 641225 N NNN 641226 N NNN 641227 Y YYY 641228 Y YYY 641229 Y YYY 641230 Y YYY 641231 Y YYY 641232 N NNN 641233 N NNN 641234 N NNN 641235 N NNN 641236 N NNN 644460 N NNN 644662 N NNN 644663 N NNN 644687 N NNN 644718 N NNN 644720 N NNN Matrix for .000030 [0.00076] Gold Plated Part Numbers Matrix for .000015 [0.00038] Gold Plated Part Numbers 641148 Y YYY 641149 Y YYY 641150 Y YYY 641151 Y YYY 641152 Y YYY 641153 N NNN 641154 N NNN 641155 N NNN 641156 N NNN 641157 N NNN 641168 Y YYY 641169 Y YYY 641170 Y YYY 641171 Y YYY 641172 Y YYY 641173 N NNN 641174 N NNN 641175 N NNN 641176 N NNN 641177 N NNN 644284 N NNN 647478 N NNN 647479 N NNN 647496 N NNN MTA-156 Posted Connector/Connector Mateability Guide (Continued) MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |