| Moteur de recherche de fiches techniques de composants électroniques |
|
SC246B Fiches technique(PDF) 3 Page - Digitron Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC246B Fiches technique(HTML) 3 Page - Digitron Semiconductors |
|
3 / 3 page ![]() DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 SC245, SC246, (MAC245) SC245()3 SERIES THYRISTOR MECHANICAL CHARACTERISTICS Case TO-48 (SC245 & MAC245 Series) Marking Body painted, alpha-numeric Polarity Cathode is stud TO-48 Inches Millimeters Min Max Min Max A 0.604 0.614 15.340 15.600 B 0.551 0.559 14.000 14.200 C 1.050 1.190 2.670 30.230 F 0.135 0.160 3.430 4.060 H - 0.265 - 6.730 J 0.420 0.455 10.670 11.560 K 0.620 0.670 15.750 17.020 L 0.300 0.350 7.620 8.890 Q 0.055 0.085 1.400 2.160 T 0.501 0.505 12.730 12.830 MECHANICAL CHARACTERISTICS Case TO-48 ISO (SC245()3 Series) Marking Body painted, alpha-numeric Polarity Cathode is stud TO-48 ISO Inches Millimeters Min Max Min Max A 0.551 0.559 14.000 14.200 B 0.501 0.505 12.730 12.830 C - 1.280 - 32.510 F - 0.160 - 4.060 H - 0.265 - 6.730 J 0.420 0.455 10.670 11.560 K 0.300 0.350 7.620 8.890 L 0.255 0.275 6.480 6.990 Q 0.055 0.085 1.400 2.160 T 0.135 0.150 3.430 3.810 fax +1.908.245-0555 sales@digitroncorp.com www.digitroncorp.com Rev. 20130213 |