Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIP147 Fiches technique(PDF) 5 Page - Motorola, Inc

No de pièce TIP147
Description  10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

TIP147 Fiches technique(HTML) 5 Page - Motorola, Inc

  TIP147 Datasheet HTML 1Page - Motorola, Inc TIP147 Datasheet HTML 2Page - Motorola, Inc TIP147 Datasheet HTML 3Page - Motorola, Inc TIP147 Datasheet HTML 4Page - Motorola, Inc TIP147 Datasheet HTML 5Page - Motorola, Inc TIP147 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TIP140 TIP141 TIP142 TIP145 TIP146 TIP147
5
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 340D–01
TO–218AC
ISSUE A
STYLE 1:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
4. COLLECTOR
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
A
D
V
G
K
S
L
U
B
Q
E
C
J
H
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
19.00
19.60
0.749
0.771
B
14.00
14.50
0.551
0.570
C
4.20
4.70
0.165
0.185
D
1.00
1.30
0.040
0.051
E
1.45
1.65
0.058
0.064
G
5.21
5.72
0.206
0.225
H
2.60
3.00
0.103
0.118
J
0.40
0.60
0.016
0.023
K
28.50
32.00
1.123
1.259
L
14.70
15.30
0.579
0.602
Q
4.00
4.25
0.158
0.167
S
17.50
18.10
0.689
0.712
U
3.40
3.80
0.134
0.149
V
1.50
2.00
0.060
0.078
1
2
3
4



Html Pages

1 2 3 4 5 6